PART |
Description |
Maker |
PIC17LC42-33I_L PIC17C44T-16/JW PIC17C44T-16/L PIC |
8-BIT, UVPROM, 33 MHz, RISC MICROCONTROLLER, CDIP40 0.600 INCH, WINDOWED, CERDIP-40 High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
|
Abracon, Corp. Microchip Technology
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
PIC16C55XTI |
EPROM / ROM Based 8 Bit CMOS Microcontroller
|
Microchip
|
TMP90CH44 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CPU,8-Bit A/D Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event
|
Toshiba Corporation
|
S3C7544 S3P7544 |
Single-chip CMOS microcontroller 512 x 4-bit RAM 4096 x 8-bit ROM Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
|
SAMSUNG[Samsung semiconductor]
|
PIC16C55-04_P PIC16C55-04_SO PIC16C55-04_SS PIC16C |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
MICROCHIP[Microchip Technology]
|
TMP90CM38 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit A/D,D/A Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter
|
Toshiba Corporation
|
PIC16C54C-04-P PIC16C55A-JW PIC16LC55A-04I PIC16CR |
EPROM/ROM-Based 8-bit CMOS Microcontroller Series EPROM/ROM-Based 8-bit CMOS Microcontroller Series
|
Microchip Technology
|
TMP8701CM TMP8701CH TMP8701CK TMPA8700PSF |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,I/O Ports,On-Screen Display(高速、高性能CMOS 8位微控制器(芯片集成2K字节ROM68字节位RAM,8位A/D转换器,I/O端口,屏幕显示)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,I/O Ports,On-Screen Display(高速、高性能CMOS 8位微控制器(芯片集成6K字节ROM68字节位RAM,8位A/D转换器,I/O端口,屏幕显示)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,I/O Ports,On-Screen Display(高速、高性能CMOS 8位微控制器(芯片集成4K字节ROM68字节位RAM,8位A/D转换器,I/O端口,屏幕显示))
|
Toshiba Corporation
|
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44 N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 80C51位单片机系列 Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44 POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44 Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth NEMA BOX B, INDOOR SOLID NEMA BOX B, INDOOR CLEAR POT 100K OHM 9MM SQ PLASTIC DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产 80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
|
http:// NXP Semiconductors N.V. Philips Semiconductors
|
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
|